PART |
Description |
Maker |
RTL8029AS |
Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
|
List of Unclassifed Manufacturers
|
RTL8019AS |
Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
|
Electronic Theatre Controls, Inc.
|
SMC91C95 |
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
|
List of Unclassifed Manufacturers
|
SMC91C95 |
ISA/PCMCIA Full Duplex Single-Chip Ethernet and Modem Controller with RAM
|
ETC
|
AM79C961A AM79C961AKCW AM79C961AKC |
PCnet -ISA II Jumperless/ Full Duplex Single-Chip Ethernet Controller for ISA PCnet ⑩-ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
|
AMD[Advanced Micro Devices]
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
2832577 |
Ethernet Switch, 7 TP RJ45 ports, 1 FO port, 100 Mbps full duplex in ST-D format, automatic detection of data transmission speed of 10 or 100 Mbps (RJ45), autocrossing function
|
PHOENIX CONTACT
|
ADM1490E ADM1491E |
5 V, 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceiver 5 V, 16 Mbps, ESD Protected, Full-Duplex RS-485 Transceiver (with Driver/Receiver Enable)
|
Analog Devices
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
MN864602 |
Full Duplex AV Controller
|
Panasonic
|